Part Number Hot Search : 
DTC114Y FDD26AN LBC848 TC1226 123BF IP117 ACTR550 KDZ33V
Product Description
Full Text Search
 

To Download MB89193P-SH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds07-12512-7e fujitsu semiconductor data sheet 8-bit proprietary microcontroller cmos f 2 mc-8l mb89190/190a series mb89191/193/195/p195/pv190 mb89191a/191ah/193a/193ah/195a/p195a/pv190a n outline the mb89190/190a series microcontrollers contain various resources such as timers, serial interfaces, a/d converters, external interrupts, and remote-control functions, as well as an f 2 mc*-8l cpu core for low-voltage and high-speed operations. these single-chip microcontrollers are suitable for small devices such as remote controllers with compact packages. *: f 2 mc stands for fujitsu flexible microcontroller. n features ? minimum execution time: 0.95 m s at 4.2 mhz (v cc = 2.7 v) ?f 2 mc-8l family cpu core ?two timers 8/16-bit timer/counter 20-bit timebase counter ? serial interface 8-bit synchronous serial (selectable transfer direction allows communication with various equipment.) (continued) n package 28-pin plastic sop (fpt-28p-m17) 28-pin plastic dip (dip-28p-m05) 28-pin plastic sh-dip (dip-28p-m03) 48-pin ceramic mqfp (mqp-48c-p01)
2 mb89190/190a series (continued) ? external interrupts edge detection (selectable edge): 3 channels low-level interrupt (wake-up function): 8 channels ? a/d converter (mb89190a series only) 8-bit successive approximation type: 8 channels ? built-in remote-control transmitting frequency generator ? low-power consumption modes stop mode (almost no current consumption occurs because oscillation stops.) sleep mode (the current consumption is reduced about 1/3 of that during normal operation because the cpu stops.) ?packages sop-28, sh-dip-28, and dip-28 n product lineup part number item mb89191 mb89191a mb89191ah mb89193 mb89193a mb89193ah mb89195 mb89195a mb89p195 mb89p195a mb89pv190 mb89pv190a classification mask rom products one-time product for development and evaluation rom size 4 k 8 bits (internal mask rom) 8 k 8 bits (internal mask rom) 16 k 8 bits (internal mask rom) 16 k 8 bits (internal prom, to be programmed with general- purpose eprom programmer) 32 k 8 bits (external rom) ram size 128 8 bits 256 8 bits cpu functions the number of basic instructions: 136 instruction bit length: 8 bits instruction length: 1 to 3 bytes data bit length: 1, 8, and 16 bits minimum execution time: 0.95 m s at 4.2 mhz interrupt processing time: 8.57 m s at 4.2 mhz ports output port (n channel open drain): 4 (also serves as peripherals for mb89190a series)or 6 (for mb89190 series) i/o port (cmos): 16 (also serves as peripherals) total: 20 or 22 timer counter 2 channels of 8-bit timer counter or one 16-bit event counter (operation clock: 1.9 m s, 30.4 m s, and 487.6 m s at 4.2 mhz, and external clock) serial i/o 8 bits lsb/msb first selectable transfer clock (external, 1.9 m s, 7.6 m s, 30.4 m s at 4.2 mhz) a/d converter (mb89190a series only) 8 bits x 8 channels a/d conversion mode (conversion time: 41.9 m s at 4.2 mhz) sense mode (conversion time: 11.9 m s at 4.2 mhz) capable of continuous activation by an internal timer. reference voltage input (continued)
3 mb89190/190a series * : varies with conditions such as operating frequencies (see n electrical characteristics.) it differs from the operating voltage of an a/d converter. n package and corresponding products : available : not available * : a socket (manufacturer: sun hayato co., ltd.) for pin pitch conversion is available. 48qf-28sop-8l: (mqp-48c-p01) ? for conversion to fpt-28p-m17 inquiry: sun hayato co., ltd.: tel (81)-3-3986-0403 fax (81)-3-5396-9106 note: for more information on each package, see n package dimensions. external interrupt 1 3 independent channels (selectable edge, interrupt vector, and interrupt source flag) rising/falling/both edge selectable used for wake-up from stop/sleep mode. (edge detection is also permitted in the stop mode.) external interrupt 2 (wake-up function) 8 channels (low-level interrupt only) remote-control transmitting frequency generator the pulse width and cycle are software-programmable. standby mode sleep mode and stop mode process cmos operating voltage* 2.2 v to 6.0 v 2.7 v to 6.0 v eprom for use mbm27c256a- 20tvm package mb89191 mb89191a mb89191ah mb89193 mb89193a mb89193ah mb89195 mb89195a mb89p195 mb89p195a mb89pv190 mb89pv190a dip-28p-m05 dip-28p-m03 fpt-28p-m17 mqp-48c-p01 * part number item mb89191 mb89191a mb89191ah mb89193 mb89193a mb89193ah mb89195 mb89195a mb89p195 mb89p195a mb89pv190 mb89pv190a (continued)
4 mb89190/190a series n differences among products 1. memory size before evaluating using the piggyback model, verify its difference from the model that will actually be used. take particular care on the following points: ? on the mb89191/191a, addresses 0140 h to 0180 h cannot be used for register banks. ? the stack area, etc., is set in the upper limit of the ram. 2. current consumption ? in the case of mb89pv190/pv190a, added is the current consumed by the eprom which is connected to the top socket. ? when operated at low speed, the products with an otprom (eprom) will consume more current than the products with a mask rom. however, the same is current consumption in the sleep/stop mode. (for more information, see n electrical characteristics.) 3. mask options functions that can be selected as options and how to designate these options vary with product. before using options, check n mask options. take particular care on the following points: ? pull-up resistor optional cannot be set for p00 to p03, and p40 to p45 on the mb89191a/193a/195a/p195a. ? the power-on reset option is fixed as enabled for mb89p195/p195a. ? options are fixed on the mb89pv190/pv190a. 4. mb89191ah/mb89193ah mb89191ah/193ah are l level heavy output current drive type of p30 to p32 and p40 to p43 of mb89191a/ 193a.characteristics other than l level output of p30 to p32 and p40 to p43 are the same as mb89191a/193a.
5 mb89190/190a series n pin assignment 1 2 3 4 5 6 7 8 9 10 11 12 13 14 v cc p03/int23/an7 p02/int22/an6 p01/int21/an5 p00/int20/an4 p45/avr p44/av ss p43/an3 p42/an2 p41/an1 p40/an0 p30/sck p31/so p32/si p04/int24 p05/int25 p06/int26 p07/int27 test rst x0 x1 v ss p37/bz/rco p36/int12 p35/int11 p34/to/int10 p33/ec 28 27 26 25 24 23 22 21 20 19 18 17 16 15 top view fptC28pCm17 dipC28pCm03 dipC28pCm05
6 mb89190/190a series pin assignment on the package top (mb89pv190/pv190a only) n.c.: internally connected. do not use. pin no. pin name pin no. pin name pin no. pin name pin no. pin name 49 v pp 57 n.c. 65 o4 73 oe 50a1258a266o574n.c. 51 a7 59 a1 67 o6 75 a11 52 a6 60 a0 68 o7 76 a9 53 a5 61 o1 69 o8 77 a8 54 a4 62 o2 70 ce 78 a13 55 a3 63 o3 71 a10 79 a14 56 n.c. 64 v ss 72 n.c. 80 v cc p34/to/int10 p33/ec p32/si p31/so p30/sck p40/an0 p41/an1 p42/an2 p43/an3 p44/av ss p45/avr p00/int20/an4 n. c. n. c. p36/int12 p37/bz/rco x1 x0 rst test p07/int27 p06/int26 p05/int25 p04/int24 p01/int21/an5 n. c. n. c. n. c. n. c. v cc n. c. n. c. n. c. n. c. p02/int22/an6 p03/int23/an7 p35/int11 n. c. n. c. n. c. n. c. n. c. v ss n. c. n. c. n. c. n. c. n. c. 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 1 2 3 4 5 6 7 8 9 10 11 12 36 35 34 33 32 31 30 29 28 27 26 25 68 67 66 65 64 63 62 61 77 78 79 80 49 50 51 52 69 70 71 72 73 74 75 76 60 59 58 57 56 55 54 53 (top view) (mqp-48c-p01) each pin inside the dashed line is for mb89pv190/pv190a units only.
7 mb89190/190a series n pin description (continued) *1: fpt-28p-m17 *2: dip-28c-m05 *3: dip-28p-m03 *4: mqp-48c-p01 pin no. pin name circuit type function sop *1 , dip *2 sh-dip *3 mqfp *4 7 31 x0 a clock oscillation pins 832x1 5 29 test b test input pin connect directly to v ss . 630rst c reset i/o pin this pin consists of an n-ch open-drain output with a pull-up resistor and of hysteresis input. a low level is output from this pin by internal source. the internal circuit is initialized by the input of a low level. 24 to 27 12 13, 23, 24 p00/int20 / an4 to p03/ int23 /an7 g general-purpose i/o ports also serve as external interrupt input pins. in the mb89190a series, also serve as analog input pins. external interrupt input is of hysteresis input type. 1 to 4 25 to 28 p04/int24 to p07/int27 d general-purpose i/o ports also serve as external interrupt input. external interrupt input is of hysteresis input type. 17 5 p30/sck d general-purpose i/o port also serves as clock i/o for the 8-bit serial i/o interface. the serial i/o clock input is of hysteresis input type with a built-in noise filter. 16 4 p31/so e general-purpose i/o port also serves as a serial i/o data output pin. 15 3 p32/si d general-purpose i/o port also serves as a serial i/o data input pin. the serial i/o data input is of hysteresis input type with a built-in noise filter. 14 2 p33/ec d general-purpose i/o port also serves as an external clock input pin for the 8- bit timer/counter. external clock input of the 8-bit timer/counter is hysteresis input type with a built-in noise filter. 13 1 p34/to/ int10 d general-purpose i/o port also serves as the overflow output and external interrupt input for the 8-bit timer/counter. external interrupt input is of hysteresis input type with a built-in noise filter.
8 mb89190/190a series (continued) *1: fpt-28p-m17 *2: dip-28p-m05 *3: dip-28p-m03 *4: mqp-48c-p01 pin no. pin name circuit type function sop *1 , dip *2 sh-dip *3 mqfp *4 12 48 p35/int11 d general-purpose i/o port also serve as external interrupt input pins. external interrupt input is of hysteresis input type with a built-in noise filter. 11 34 p35/int12 10 33 p37/bz/rco e general-purpose i/o port also serves as a buzzer output pin and remote- control output pin. 18 to 21 6 to 9 p40/an0 to p43/an3 f n-ch open-drain output ports also serve as analog input pins for the a/d converter. 23 11 p45/avr f in the mb89190a series, also serves as a reference voltage input pin for the a/d converter. in the mb89190 series, serves as an n-ch open- drain output port. 22 10 p44/av ss f in the mb89190a series, also serves as a power pin for the a/d converter, and should be applied the same voltage as v ss to. in the mb89190 series, also serves as an n-ch open-drain output port. 28 18 v cc power supply pin 942v ss power supply (gnd) pin
9 mb89190/190a series external eprom pins (mb89pv190/pv190a) pin no. pin name i/o function 49 v pp o h level output pin 79 78 50 75 71 76 77 51 52 53 54 55 58 59 60 a14 a13 a12 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 o address output pins 61 62 63 65 66 67 68 69 o1 o2 o3 o4 o5 o6 o7 o8 i data input pins 70 ce o rom chip enable pin outputs h during standby. 73 oe o rom output enable pin outputs l at all times. 80 v cc o eprom power pin 64 v ss o power supply (gnd) pin
10 mb89190/190a series n i/o circuit type (continued) type circuit remarks a ? oscillation feedback registor of approximately 1 m w at 5 v ? when crystal and ceramic oscillators are selected optionally ? when cr oscillation is selected optionally b c ? output pull-up resistor (p-ch): approx. 50 k w at 5 v ? hysteresis input d ? cmos output ? cmos input ? hysteresis input (resource input) ? pull-up resistor optional x1 x0 standb y control si g nal x1 x0 standb y control si g nal r p-ch n-ch r p-ch n-ch p-ch
11 mb89190/190a series (continued) type circuit remarks e ? cmos output ? cmos input ? pull-up resistor optional f ? n-ch open-drain output ? analog input ? pull-up resistor optional (mb89190 series only) g ? cmos output ? cmos input ? hysteresis input (resource input) ? analog input ? pull-up resistor optional (mb89190 series only) r p-ch n-ch p-ch nch pch r analog input r p-ch n-ch p-ch analog input
12 mb89190/190a series n handling devices 1. preventing latch - up latchup may occur on cmos ics if voltage higher than v cc or lower than v ss is applied to input or output pins other than medium- and high-voltage pins or if higher than the voltage which shows on 1. absolute maximum ratings in n electrical characteristics is applied between v cc to v ss . when latchup occurs, power supply current increases rapidly and might thermally damage elements. when using, take great care not to exceed the absolute maximum ratings. also, take care to prevent the analog power supply (av cc and avr) and analog input from exceeding the digital power supply (v cc ) when the analog system power supply is turned on and off. 2. treatment of unused input pins leaving unused input pins open could cause malfunctions. they should be connected to pull-up or pull-down resistor. 3. treatment of power supply pins on microcontrollers with a/d and d/a converters connect to be av cc =davc=v cc and av ss =avr=v ss even if the a/d and d/a converters are not in use. 4. treatment of n.c. pin be sure to leave (internally connected) n.c. pins open. 5. power supply voltage fluctuations although operation is assured within the rated range of v cc power supply voltage, a rapid fluctuation of the voltage could cause malfunctions within the rated range. stabilizing voltage supplied to the ic is therefore important. as stabilization guidelines, it is recommended to control power so that v cc ripple fluctuations (p-p value) will be less than 10% of the standard v cc value at the commercial frequency (50 to 60 hz) and the transient fluctuation rate will be less than 0.1 v/ms at the time of a momentary fluctuation such as when power is switched. 6. precautions when using an external clock even when an external clock is used, oscillation stabilization time is required for power-on reset (optional) and release from stop mode.
13 mb89190/190a series n programming to prom on the mb89p195/p195a the mb89p195/p195a can program data in the internal prom using a dedicated conversion adaptor and specified general-purpose eprom programmer. 1. memory space ? programming procedure (1) load program data into the rom programmer at addresses 4000 h to 7fff h . (addresses 0c000 h to 0ffff h in the operation mode correspond to 4000 h to 7fff h in rom programmer. see the illustration above.) (2) set the data at addresses 0000 h to 3fff h of the programmer rom in the rom programmer, to ff h . (3) program in the successive-address write mode of the rom programmer. note: program must be started at the address 00000 h . for details, contact our sales division. prom 16 k ffff h 0000 h 8000 h 0080 h 0180 h not available i/o ram c000 h 7fff h 0000 h 4000 h eprom 16 k vacancy (read value ff h ) address in normal operation mode eprom mode (corresponding addresses on the eprom programmer)
14 mb89190/190a series 2. recommended screening conditions high-temperature aging is recommended as the pre-assembly screening procedure for a product with a blanked otprom microcontroller program. 3. programming yield due to its nature, bit programming test cant be conducted as fujitsu delivery test. for this reason, a programming yield of 100% cannot be assured at all times. 4. eprom programmer socket adapter inquiry: sun hayato co., ltd.: tel: (81)-3-3986-0403 fax: (81)-3-5396-9106 minato electronics inc.: tel: usa (1)-916-348-6066 japan (81)-45-591-5611 data i/o co., ltd.:tel: usa/asia (1)-206-881-6444 europe (49)-8-985-8580 part no. package compatible socket adapter sun hayato co., ltd. recommended programmer manufacturer and programmer name minato electronics inc. data i/o co., ltd. model1890a (ver.2.2) + ou-910 (ver.4.1) unisite (ver.5.0 or later) 3900 (ver.2.8 or later) 2900 (ver.3.8 or later) mb89p195 dip-28 rom-28dp- 28dp-8l recommended recommended mb89p195a mb89p195pf sop-28 rom-28sop- 28dp-8l recommended recommended mb89p195apf program, verify aging +150 c for 48 hrs. data verification assembly
15 mb89190/190a series n programming to the eprom with piggyback/evaluation device 1. eprom for use mbm27c256a-20tvm 2. programming socket adapter to program to the eprom using an eprom programmer, use the socket adapter (manufacturer: sun hayato co., ltd.) below. inquiry: sun hayato co., ltd.: tel (81)-3-3986-0403 fax (81)-3-5396-9106 3. memory space 4. programming to the eprom (1) set the eprom programmer for mbm27c256a. (2) load program data into the eprom programmer at 0000 h to 7fff h . (3) program to 0000 h to 7fff h with the eprom programmer. package adapter socket part number lcc-32 rom-32lc-28dp-ys prom 32 k ffff h 0000 h 8000 h 0080 h 0180 h not available i/o ram 7fff h 0000 h eprom 32 k address in normal operation mode address when writing to eprom (corresponding addresses on the eprom programmer)
16 mb89190/190a series n block diagram clock control timebase timer external interrupt (wake-up) cmos i/o port n-ch open-drain output port f 2 mc-8l ram test, v cc , v ss the other pins x0 x1 rst p04/int24 to p07/int27 rom 8-bit serial p30/sck p34/to /int10 cpu cmos i/o port 4 reset circuit (wdt) external interrupt 8-bit timer/counter p33/ec p32/si p31/so p35/int11 p36/int12 p37/bz/rco oscillator (max. 4.2 mhz) 8-bit timer/counter remote-control transmit frequency generator 4 4 p00/int20/an4 to p03/int23/an7 p45*/avr p44*/av ss p40/an0 to p43/an3 8-bit a/d converter (mb89190a only) port 0 port 4 internal bus buzzer output port 3 in the mb89190a series, p44 and p45 serve only as avr and av ss pins, respectively, and cannot be used as ports. the mb89190 has no built-in a/d converter. *:
17 mb89190/190a series n cpu core 1. memory space the microcontrollers of mb89190/190a series offer a 64 kbytes of memory for storing all of i/o, data, and program areas. the i/o area is allocated from the lowest address. the data area is allocated immediately above the i/o area. the data area can be divided into register, stack, and direct areas according to the application. the program area is allocated from exactly the opposite end of i/o area, that is, the highest address. the tables of interrupt reset vectors, and vector call instructions are allocated from the highest address within the program area. the memory space of the mb89190/190a series is structured below: memory space mb89191/191a 0000 h 0080 h 00c0 h 0140 h f000 h ffff h 0100 h i/o vacancy not available mask rom ram register mb89193/193a 0000 h 0080 h 0180 h e000 h ffff h 0100 h i/o ram not available mask rom register mb89195/195a 0000 h 0080 h 0180 h c000 h ffff h 0100 h i/o ram not available program prom (mask rom) register mb89pv190/pv190a 0000 h 0080 h 0180 h 8000 h ffff h 0100 h i/o ram not available external rom register mb89p195/p195a
18 mb89190/190a series 2. registers the f 2 mc-8l family has two types of registers; dedicated hardware registers and general-purpose memory registers. the following dedicated registers are provided: program counter (pc): a 16-bit-long register for indicating the instruction storage positions accumulator (a): a 16-bit-long temporary register for arithmetic operations, etc. when the instruction is an 8-bit data processing instruction, the lower byte is used. temporary accumulator (t): a 16-bit-long register which is used for arithmetic operations with the accumulator. when the instruction is an 8-bit data processing instruction, the lower byte is used. index register (ix): a 16-bit-long register for index modification extra pointer (ep) : a 16-bit-long pointer for indicating a memory address stack pointer (sp) : a 16-bit-long pointer for indicating a stack area program status (ps) : a 16-bit-long register for storing a register pointer, a condition code the ps can further be divided into higher 8 bits for use as a register bank pointer (rp) and the lower 8 bits for use as a condition code register (ccr) (see the diagram below). pc a t ix ep sp ps 16 bits : program counter : accumulator : temporary accumulator : index register : extra pointer : stack pointer : program status fffd h indeterminate indeterminate indeterminate indeterminate indeterminate i-flag = 0, il1, 0 = 11 the other bit values are indeterminate initial value structure of the program status register vacancy h i il1, 0 n z vc 54 rp ps 109876 3210 15 14 13 12 11 rp ccr vacancy vacancy
19 mb89190/190a series the rp indicates the address of the register bank currently in use. the relationship between the pointer contents and the actual address is based on the conversion rule illustrated below. the ccr consists of bits indicating the results of arithmetic operations and the contents of transfer data, and bits for control of cpu operations at the time of an interrupt. h-flag: set to 1 when a carry or a borrow from bit 3 to bit 4 occurs as a result of an arithmetic operation. cleared to 0 otherwise. this flag is for decimal adjustment instructions. i-flag: interrupt is enabled when this flag is set to 1. interrupt is disabled when the flag is cleared to 0. cleared to 0 at the reset. il1, 0: indicates the level of the interrupt currently allowed. processes an interrupt only if its request level is higher than the value indicated by this bit. n-flag: set to 1 if the msb becomes 1 as the result of an arithmetic operation. cleared to 0 otherwise. z-flag: set to 1 when an arithmetic operation results in 0. cleared to 0 otherwise. v-flag: set to 1 if the complement on 2 overflows as a result of an arithmetic operation. cleared to 0 if the overflow does not occur. c-flag: set to 1 when a carry or a borrow from bit 7 occurs as a result of an arithmetic operation. cleared to 0 otherwise. set to 1 the shift-out value in the case of a shift instruction. il1 il0 interrupt level high-low 00 1 high low 01 10 2 11 3 rule for conversion of actual addresses of the general-purpose register area ? a15 ? a14 ? a13 ? a12 ? a11 ? a10 ? a9 ? a8 r4 a7 r3 a6 r2 a5 r1 a4 r0 a3 b2 a2 b1 a1 b0 a0 lower op codes rp generated addresses
20 mb89190/190a series the following general-purpose registers are provided: general-purpose registers: an 8-bit-long register for storing data the general-purpose registers are of 8 bits and located in register banks of the memory. one bank contains eight registers and up to a total of 16 banks can be used on the mb89190/190a (8 banks on mb89191/191a). the bank currently in use is indicated by the register bank pointer. (rp) note: the number of register banks that can be used varies with the ram size. register bank configuraiton this address = 0100 h + 8 (rp) memor y area 16 banks (8 banks for the mb89191/191a) r 0 r 1 r 2 r 3 r 4 r 5 r 6 r 7
21 mb89190/190a series n i/o map note: do not use vacancies. address read/write register name register description 00 h (r/w) pdr0 port 0 data register 01 h (w) ddr0 port 0 data direction register 02 h (r/w) eni0 port 0 input enable register 03 h to 07 h vacancy 08 h (r/w) stbc standby control register 09 h (r/w) wdtc watchdog control register 0a h (r/w) tbtc time-base timer control register 0b h vacancy 0c h (r/w) pdr3 port 3 data register 0d h (w) ddr3 port 3 data direction register 0e h (r/w) pdr4 port 4 data register 0f h (r/w) buzr buzzer register 10 h to 13 h vacancy 14 h (r/w) rcr1 remote-control transmit control register 1 15 h (r/w) rcr2 remote-control transmit control register 2 16 h vacancy 17 h vacancy 18 h (r/w) t2cr timer 2 control register 19 h (r/w) t1cr timer 1 control register 1a h (r/w) t2dr timer 2 data register 1b h (r/w) t1dr timer 1 data register 1c h (r/w) smr serial mode register 1d h (r/w) sdr serial data register 1e h vacancy 1f h vacancy 20 h (r/w) adc1 a/d converter control register 1 21 h (r/w) adc2 a/d converter control register 2 22 h (r/w) adcd a/d converter data register 23 h (r/w) eic1 external interrupt control register 1 24 h (r/w) eic2 external interrupt control register 2 25 h to 31 h vacancy 32 h (r/w) eie2 external interrupt 2 enable register 33 h (r/w) eif2 external interrupt 2 flag register 34 h to 7b h vacancy 7c h (w) ilr1 interrupt level register 1 7d h (w) ilr2 interrupt level register 2 7e h (w) ilr3 interrupt level register 3 7f h vacancy
22 mb89190/190a series n electrical characteristics 1. absolute maximum rating (av ss = v ss = 0.0 v) warning: semiconductor devices can be permanently damaged by application of stress (voltage, current, tem- perature, etc.) in excess of absolute maximum ratings. do not exceed these ratings. parameter symbol value unit remarks min. max. power supply voltage v cc v ss C 0.3 v ss + 7.0 v avr v ss C 0.3 v ss + 7.0 v must not exceed v cc + 0.3 v. mb89190a series only eprom program voltage v pp v ss C 0.3 v ss + 13.0 v mb89p195/p195a only input voltage v i v ss C 0.3 v cc + 0.3 v output voltage v o v ss C 0.3 v cc + 0.3 v l level maximum output current i ol1 ? 10 ma except p33 and p34 (except p30 top34 and p40 to p43 for mb89191ah/193ah) i ol2 ? 20 ma p33, p34(p30 top34 and p40 to p43 for mb89191ah/193ah) l level average output current i olav1 ? 4ma except p33 and p34 (except p30 top34 and p40 to p43 for mb89191ah/193ah) average value (operating current operation rate) i olav2 ? 8ma p33 and p34(p30 top34 and p40 to p43 for mb89191ah/193ah) average value (operating current operation rate) l level total average output current s i olav ? 20 ma average value (operating current operation rate) l level total maximum output current s i ol ? 100 ma h level maximum output current i oh1 ? C10 ma except p33, p34, and p37 i oh2 ? C20 ma p33, p34, p37 h level average output current i ohav1 ? C2 ma except p33, p34, and p37 average value (operating current operation rate) i ohav2 ? C4 ma except p33, p34, and p37 average value (operating current operation rate) h level total average output current s i ohav ? C10 ma average value (operating current operation rate) h level total maximum output current s i oh ? C30 ma power consumption p d ? 200 mw operating temperature ta C40 +85 c storage temperature tstg C55 +150 c
23 mb89190/190a series 2. recommended operating conditions (v ss = 0.0 v) * : these values vary with the operation frequency and the assured analog operation range. see figure 1 and 5. a/d converter electrical characteristics. figure 1 operating voltage vs. main clock operating frequency figure 1 indicates the operating frequency of the external oscillator at an instruction cycle of 4/f c . parameter symbol value unit remarks min. max. power supply voltage v cc 2.2* 6.0* v normal operation assurance range* mb89191/191a/193/193a/195/195a 2.7* 6.0* v normal operation assurance range* mb89p195/p195a/pv190/pv190a 1.5 6.0 v retains the ram state in the stop mode a/d converter reference input voltage avr 0.0 v cc v operating temperature t a C40 +85 c 1 2 3 4 5 6 operation assurance range main clock operation frequency (at an instruction cycle of 4/fc) (mhz) 234 analog accuracy assured in the vcc = 3.5 v to 6.0 v range. 4.0 2.0 0.95 minimum execution time (instruction cycle) ( s) ( s) 1 operating voltage (v) note: the shaded area is assured only for the mb89191/191a/193/193a/195/195a.
24 mb89190/190a series warning: recommended operating conditions are normal operating ranges for the semiconductor device. all the devices electrical characteristics are warranted when operated within these ranges. always use semiconductor devices within the recommended operating conditions. operation outside these ranges may adversely affect reliability and could result in device failure. no warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. users considering application outside the listed conditions are advised to contact their fujitsu representative beforehand. 3. dc characteristics (v cc = +5.0 v, av ss = v ss = 0.0 v, t a = C40 c to +85 c) (continued) parameter sym- bol pin condition value unit remarks min. typ. max. h level input voltage v ih p00 to p07, p30 to p37, test ? 0.7 v cc ? v cc + 0.3 v v ihs rst , int10 to int12, ec, sck, si, int20 to int27 ? 0.8 v cc ? v cc + 0.3 v l level input voltage v il p00 to p03, p33 to p36, test ? v ss - 0.3 ? 0.3 v cc v v ils rst , int10 to int12, ec, sck, si, int 20 to int27 ? v ss - 0.3 ? 0.2 v cc v open-drain output pin applied voltage v d p40 to p44 ? v ss - 0.3 ? v ss + 0.3 v h level output voltage v oh1 p00 to p07, p30 to p32, p35, p36 i oh = C2.0 ma 2.4 ?? v v oh2 p33, p34 i oh = C15 ma 2.4 ?? v v oh3 p37 i oh = C7.0 ma 2.4 ?? v l level output voltage v ol1 p00 to p07, p40 to p45, p30 to p32, p35 to p37 i ol = 1.8 ma ?? 0.4 v except mb89191ah/ 193ah p00 to p07, p35 to p37 mb89191ah/ 193ah v ol2 rst i ol = 4.0 ma ?? 0.4 v v ol3 p33, p34 i ol = 12 ma ?? 0.4 v except mb89191ah/ 193ah p30 to p34, p40 to p43 mb89191ah/ 193ah input leakage current(hi-z output leakage current) i li1 p00 to p07, p30 to p37, test 0.0 v < v i < v cc ?? 5 m a without pull-up resistor open-drain output leakage current (off state) i ld1 p40 to p45 0.0 v < v i < v cc ?? 1 m a without pull-up resistor
25 mb89190/190a series (continued) (v cc = 5.0 v, av ss = v ss = 0.0 v, t a = C40 c to +85 c) * : for the mb89pv190/pv190a, the current consumption of a connected eprom and ice is not included. the mesurement condition of the power supply current are set as v cc = 5.0 v with an external clock. parameter symbol pin condition value unit remarks min. typ. max. pull-up resistance r pull p00 to p07, p30 to p37, p40 to p45, rst v i = 0.0 v 25 50 100 k w power supply voltage* i cc v cc f c = 4.2 mhz 510ma mb89191/ 191a/193/ 193a/195/ 195a/pv190/ pv190a 712ma mb89p195/ p195a i ccs f c = 4.2 mhz 3 7 ma sleep mode i cch t a = +25 c1 m a stop mode i cca f c = 4.2 mhz during a/d converter operation 613ma mb89191a/ 193a/195a/ pv190a 8 15 ma mb89p195a input capacitance c in except avr, av ss , v cc , and v ss f = 1 mhz 10 pf
26 mb89190/190a series 4. ac characteristics (1) reset timing (v cc = +5.0 v 10%, av ss = v ss = 0.0 v, t a = C40 c to +85 c) note: t xcyl is the oscillation period (1/f c ) input to the x0 pin. (2) power-on reset (av ss = v ss = 0.0 v, t a = C40 c to +85 c) note: make sure that power supply rises within the oscillation stabilization time selected. if power supply voltage needs to be varied in the course of operation, a smooth voltage rise is recommended. parameter symbol condition value unit remarks min. max. rst l pulse width t zlzh 16 t xcyl ns parameter symbol condition value unit remarks min. max. power supply rising time t r 50ms power supply cut-off time t off 1 ms due to repeated operations 0.2 v cc 0.2 v cc rst t zlzh 0.2 v 0.2 v 2.0 v 0.2 v t r v cc t off
27 mb89190/190a series (3) clock timings (av ss = v ss = 0.0 v, t a = C40 c to +85 c) (4) instruction cycles (av ss = v ss = 0.0 v, t a = C40 c to +85 c) parameter symbol pin condition value unit remarks min. max. clock frequency f c x0, x1 1 4.2 mhz clock cycle time t xcyl x0, x1 238 1000 ns input clock pulse width p wh p wl x0 20 ns external clock input clock pulse risilng/falling time t cr t cf x0 10 ns external clock parameter symbol value (typical) unit remarks instruction cycle (minimum execution time) t inst 4/f c m s t inst = 0.95 m s when operating at f c = 4.2 mhz 0.2 v cc 0.8 v cc x0 0.2 v cc t cr t cf 0.8 v cc 0.2 v cc x0 x1 when a crystal or ceramic resonator is used x0 x1 when an external clock is used open p wl p wh t xcyl clock conditions x0, x1 timings and conditions of applied voltage
28 mb89190/190a series (5) recommended resonator manufacturers sample application of piezoelectric resonator (far series) x0 x1 *1: fujitsu acoustic resonator c1 *2 c2 *2 far *1 r inquiry: fujitsu limited far part number (built-in capacitor type) frequency (mhz) dumping resistor initial deviation of far frequency (t a = +25 c) temperature characteristics of far frequency (t a = C20 c to +60 c) loading capacitors* 2 far-c4sa-04000- 01m 4.00 200 w 0.5% 0.5% built-in
29 mb89190/190a series sample application of ceramic resonator x0 x1 c1 c2 * r ? mask rom products ? one-time products inquiry: murata mfg. co., ltd ? murata electronics north america. inc.: tel 1-404-436-1300 ? murata europe mnagement gmbh: tel 49-911-66870 ? murata electronics singapore (pte.) ltd.: tel 65-758-4233 tdk corporation ? tdk corporation of america chicago regional office: tel 1-708-803-6100 ? tdk electronics europe gmbh components division: tel 49-2102-9450 ? tdk singapore (pte) ltd.: tel 65-273-5022 ? tdk hongkong co., ltd.: tel 852-736-2238 ? korea branch, tdk corporation: tel 82-2-554-6633 resonator manufacturer* resonator frequency (mhz) c1 (pf) c2 (pf) r murata mfg. co., ltd. csa2.00mg040 2.00 100 100 not required cst2.00mg040 built-in built-in not required csa4.00mg 4.00 30 30 not required cst4.00mgw built-in built-in not required cstcs4.00mg0c5 built-in built-in not required tdk. co., ltd. ccr4.0mc3 4.00 built-in built-in not required fcr4.0mc5 built-in built-in not required resonator manufacturer* resonator frequency (mhz) c1 (pf) c2 (pf) r murata mfg. co., ltd. csa3.20mgca 3.20 30 30 1 k w cst3.20mga built-in built-in 1 k w csa3.20mga040 100 100 not required cst3.20mgwa040 built-in built-in not required csa3.58mgca 3.58 30 30 not required cst3.58mgwha built-in built-in not required
30 mb89190/190a series (6) serial i/o timings (v cc = 5.0 v 10%, av ss = v ss = 0.0 v, t a = C40 c to +85 c) * : for information on t inst , see (4) instruction cycles. parameter symbol pin condition value unit remarks min. max. serial clock cycle time t scyc sck internal clock operation 2 t inst * m s sck ? so time t slov sck, so C200 200 ns valid si ? sck - t ivsh si, sck 1/2 t inst * m s sck - ? valid si hold time t shix sck, si 1/2 t inst * m s serial clock h pulse width t shsl sck external clock operation 1 t inst * m s serial clock l pulse width t slsh 1 t inst * m s sck ? so time t slov sck, so 0 200 ns valid si ? sck - t ivsh si, sck 1/2 t inst * m s sck - ? valid si hold time t shix sck, si 1/2 t inst * m s t scyc t slov t shix t ivsh sck 2.4 v 0.8 v 0.8 v 2.4 v 0.8 v 0.8 v cc 0.2 v cc 0.8 v cc 0.2 v cc so si t slsh t slov t shix t ivsh sck 0.8 v cc 0.2 v cc 2.4 v 0.8 v 0.8 v cc 0.2 v cc 0.8 v cc 0.2 v cc so si 0.2 v cc t shsl 0.8 v cc internal shift clock mode external shift clock mode
31 mb89190/190a series (7) peripheral input timings (v cc = 5.0 v 10%, av ss = v ss = 0.0 v, t a = C40 c to +85 c) * : for information on t inst, see (4) instruction cycles. (v cc = 5.0 v 10%, av ss = v ss = 0.0 v, t a = C40 c to +85 c) parameter symbol pin value unit remarks min. max. peripheral input h pulse width 1 t ilih1 ec, int10 to int12, int20 to int27 2 t inst * m s peripheral input l pulse width 1 t ihil1 2 t inst * m s parameter symbol pin value unit remarks min. typ. max. peripheral input h noise limit width t ihnc ec, si, sck int10 to int12 71523ns peripheral input l noise limit width t ilnc ec, si, sck int10 to int12 71523ns peripheral input timing diagram 0.2 v cc 0.8 v cc t ihil ec int10 to int12 int20 to int27 0.2 v cc t ilih 0.8 v cc peripheral input timing diagram ec, sck, s1 int10 to int12 0.2 v cc 0.8 v cc t ilnc 0.2 v cc t ihnc 0.8 v cc
32 mb89190/190a series 5. a/d converter electrical characteristics (mb89190a series only) (av cc = v cc = 3.5 v to 6.0 v, av ss = v ss = 0.0 v, t a = C40 c to +85 c) * : for information on t inst , see (4) instruction cycles in 4. ac characteristics. 6. a/d converter glossary ? resolution analog changes that are identifiable by the a/d converter. when the number of bits is 8, analog voltage can be divided into 2 8 =256. linearity error (unit: lsb) the deviation of the straight line connecting the zero transition point (0000 0000 ? 0000 0001) with the full-scale transition point (1111 1110 ? 1111 1111) from actual conversion characteristics. differential linearity error (unit: lsb) the deviation of input voltage needed change the output code by 1 lsb from the theoretical value. ? total error (unit: lsb) the difference between theoretical and actual conversion values. parameter sym- bol pin condition value unit remarks min. typ. max. resolution 8bit total error avr = av cc 1.5 lsb linearity error 1.0 lsb differential linearity error 0.9 lsb zero transition voltage v ot av ss C1.0 lsb av ss +0.5 lsb av ss +2.0 lsb mv full-scale transition voltage v fst avr C3.0 lsb avr C1.5 lsb avr mv inter channel disparity 0.5lsb a/d mode conversion time 44 t inst * m s sense mode conversion time 12 t inst * m s analog port input current i ain an0 to an7 10 m a analog input voltage 0 avr v reference voltage avr 0v cc v reference voltage supply current i r avr = v cc = 5.0 v when a/ d conversion is operating 100 300 m a i rh 1 m a
33 mb89190/190a series 7. notes on using a/d converter ? input impedance of analog input pins the a/d converter used for the mb89190a series contains a sample hold circuit as illustrated below to fetch analog input voltage into the sample hold capacitor for eight instruction cycles after starting a/d conversion. for this reason, if the output impedance of the external circuit for the analog input is high, analog input voltage might not stabilize within the analog input sampling period. therefore, it is recommended to keep the output impedance of the external circuit low (below 10 k w ). note that if the impedance cannot be kept low, it is recommended to connect an external capacitor of approx. 0.1 m f for the analog input pin. ?error the smaller the ? avr-av ss ?, the greater the error would become relatively. v ot v nt v ( n + i )t v fst digital output (1lsb n + v ot ) 0000 0000 0000 0000 0001 0010 1111 1111 1110 1111 1lsb = avr 256 linearity error v nt ? (1lsb n + v ot ) 1lsb differential linearity error v ( n + 1 ) t ?v nt 1lsb analo g input actual conversion value theoretical conversion value ? total error 1lsb v nt ?(1lsb n + 1lsb) linearity error = = = sample hold circuit, c = 33 pf analog channel selector close for 8 instruction cycles after starting a/d conversion. analog input equivalent circuit if the analog input impedance is higher than 10 k w , it is recommended to connect an external capacitor of approx. 0.1 m f. analog input pin comparator r = 6 k w . . . .
34 mb89190/190a series n example characteristics (1) l level output voltage 05 1234 0.10 0.15 0.20 0.25 0.30 v ol (v) v cc = 2.0 v v cc = 2.5 v v cc = 4.0 v v cc = 5.0 v v cc = 6.0 v i ol (ma) 0.00 t a = +25 c v ol 1 vs. i ol 0.05 v cc = 3.0 v 010 123456789 0.1 0.2 0.3 0.4 0.5 v ol (v) v cc = 2.5 v v cc = 3.0 v v cc = 4.0 v v cc = 5.0 v v cc = 6.0 v i ol (ma) 0.0 t a = +25 c v ol 2 vs. i ol 0.6 v cc = 2.0 v 020 4 8 12 16 0.2 0.4 0.6 0.8 1.0 v ol (v) v cc = 2.5 v v cc = 3.0 v v cc = 4.0 v v cc = 5.0 v v cc = 6.0 v i ol (ma) 0.0 v ol 3 vs. i ol 1.2 v cc = 2.0 v 2 6 10 14 18 t a = +25 c
35 mb89190/190a series 012 3 456 7 v cc (v) 5.0 v in (v) 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 v ihs v ils t a = +25 c v in vs. v cc v ihs : v ils : threshold when input voltage in hysteresis characteristics is set to ??level threshold when input voltage in hysteresis characteristics is set to ??level 0 0.5 v cc - v oh (v) v cc = 2.5 v v cc = 3.0 v v cc = 4.0 v v cc = 5.0 v v cc = 6.0 v i oh (ma) 0.4 0.3 0.2 0.1 0.0 ?1 2 3 4 5 t a = +25 c v oh 1 vs. i oh 0.6 v cc = 2.0 v 0 2.5 v cc - v oh (v) v cc = 3.0 v v cc = 4.0 v v cc = 5.0 v v cc = 6.0 v i oh (ma) 2.0 1.5 1.0 0.5 0.0 ?4 8 12 ?16 ?20 t a = +25 c v oh 2 vs. i oh 3.0 v cc = 2.0 v v cc = 2.5 v 0 1.0 v cc - v oh (v) v cc = 2.5 v v cc = 3.0 v v cc = 4.0 v v cc = 5.0 v v cc = 6.0 v i oh (ma) 0.8 0.6 0.4 0.2 0.0 ?2 4 6 8 10 t a = + 25 c v oh 3 vs. i oh 1.2 v cc = 2.0 v (2) h level output voltage (3) h level input voltage/l level input voltage (cmos input) (4) h level input voltage/l level input voltage (hysteresis input) 012 3 456 7 v cc (v) 5.0 v in (v) 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 v in vs. v cc t a = +25 c
36 mb89190/190a series i cc (ma) v cc (v) 0 1 2345 1 2 3 5 t a = +25 c i cc vs. v cc 67 4 6 fc = 4.2 mhz fc = 3.0 mhz fc = 1.0 mhz i cch ( m a) v cc (v) 0 12 34 5 0.4 0.8 1.2 1.6 2.0 t a = +25 c i cch vs. v cc 67 0.2 0.6 1.0 1.4 1.8 i ccs (ma) v cc (v) 0.00 1 2345 0.25 0.50 0.75 1.25 t a = +25 c i ccs vs. v cc 67 1.00 1.50 fc = 4.2 mhz fc = 3.0 mhz fc = 1.0 mhz i r ( m a) avr (v) 0 25 50 75 100 125 150 i r vs. avr 12 34 5 67 t a = +25 c (5) power supply current (external clock) (6) pull-up resistance 234 5 6 r pull (k w ) 10 1 100 1000 v cc ( v ) t a = +25 c r pull vs. v cc
37 mb89190/190a series n instructions (136 instructions) execution instructions can be divided into the following four groups: ? transfer ? arithmetic operation ? branch ?others table 1 lists symbols used for notation of instructions. table 1 instruction symbols symbol meaning dir direct address (8 bits) off offset (8 bits) ext extended address (16 bits) #vct vector table number (3 bits) #d8 immediate data (8 bits) #d16 immediate data (16 bits) dir: b bit direct address (8:3 bits) rel branch relative address (8 bits) @ register indirect (example: @a, @ix, @ep) a accumulator a (whether its length is 8 or 16 bits is determined by the instruction in use.) ah upper 8 bits of accumulator a (8 bits) al lower 8 bits of accumulator a (8 bits) t temporary accumulator t (whether its length is 8 or 16 bits is determined by the instruction in use.) th upper 8 bits of temporary accumulator t (8 bits) tl lower 8 bits of temporary accumulator t (8 bits) ix index register ix (16 bits) ep extra pointer ep (16 bits) pc program counter pc (16 bits) sp stack pointer sp (16 bits) ps program status ps (16 bits) dr accumulator a or index register ix (16 bits) ccr condition code register ccr (8 bits) rp register bank pointer rp (5 bits) ri general-purpose register ri (8 bits, i = 0 to 7) indicates that the very is the immediate data. (whether its length is 8 or 16 bits is determined by the instruction in use.) ( ) indicates that the contents of is the target of accessing. (whether its length is 8 or 16 bits is determined by the instruction in use.) (( )) the address indicated by the contents of is the target of accessing. (whether its length is 8 or 16 bits is determined by the instruction in use.)
38 mb89190/190a series columns indicate the following: mnemonic: assembler notation of an instruction ~: the number of instructions #: the number of bytes operation: operation of an instruction tl, th, ah: a content change when each of the tl, th, and ah instructions is executed. symbols in the column indicate the following: ? C indicates no change. ? dh is the 8 upper bits of operation description data. ? al and ah must become the contents of al and ah prior to the instruction executed. ? 00 becomes 00. n, z, v, c: an instruction of which the corresponding flag will change. if + is written in this column, the relevant instruction will change its corresponding flag. op code: code of an instruction. if an instruction is more than one code, it is written according to the following rule: example: 48 to 4f ? this indicates 48, 49, ... 4f.
39 mb89190/190a series table 2 transfer instructions (48 instructions) notes: during byte transfer to a, t ? a is restricted to low bytes. operands in more than one operand instruction must be stored in the order in which their mnemonics are written. (reverse arrangement of f 2 mc-8 family) mnemonic ~ # operation tl th ah n z v c op code mov dir,a mov @ix +off,a mov ext,a mov @ep,a mov ri,a mov a,#d8 mov a,dir mov a,@ix +off mov a,ext mov a,@a mov a,@ep mov a,ri mov dir,#d8 mov @ix +off,#d8 mov @ep,#d8 mov ri,#d8 movw dir,a movw @ix +off,a movw ext,a movw @ep,a movw ep,a movw a,#d16 movw a,dir movw a,@ix +off movw a,ext movw a,@a movw a,@ep movw a,ep movw ep,#d16 movw ix,a movw a,ix movw sp,a movw a,sp mov @a,t movw @a,t movw ix,#d16 movw a,ps movw ps,a movw sp,#d16 swap setb dir: b clrb dir: b xch a,t xchw a,t xchw a,ep xchw a,ix xchw a,sp movw a,pc 3 4 4 3 3 2 3 4 4 3 3 3 4 5 4 4 4 5 5 4 2 3 4 5 5 4 4 2 3 2 2 2 2 3 4 3 2 2 3 2 4 4 2 3 3 3 3 2 2 2 3 1 1 2 2 2 3 1 1 1 3 3 2 2 2 2 3 1 1 3 2 2 3 1 1 1 3 1 1 1 1 1 1 3 1 1 3 1 2 2 1 1 1 1 1 1 (dir) ? (a) ( (ix) +off ) ? (a) (ext) ? (a) ( (ep) ) ? (a) (ri) ? (a) (a) ? d8 (a) ? (dir) (a) ? ( (ix) +off) (a) ? (ext) (a) ? ( (a) ) (a) ? ( (ep) ) (a) ? (ri) (dir) ? d8 ( (ix) +off ) ? d8 ( (ep) ) ? d8 (ri) ? d8 (dir) ? (ah),(dir + 1) ? (al) ( (ix) +off) ? (ah), ( (ix) +off + 1) ? (al) (ext) ? (ah), (ext + 1) ? (al) ( (ep) ) ? (ah),( (ep) + 1) ? (al) (ep) ? (a) (a) ? d16 (ah) ? (dir), (al) ? (dir + 1) (ah) ? ( (ix) +off), (al) ? ( (ix) +off + 1) (ah) ? (ext), (al) ? (ext + 1) (ah) ? ( (a) ), (al) ? ( (a) ) + 1) (ah) ? ( (ep) ), (al) ? ( (ep) + 1) (a) ? (ep) (ep) ? d16 (ix) ? (a) (a) ? (ix) (sp) ? (a) (a) ? (sp) ( (a) ) ? (t) ( (a) ) ? (th),( (a) + 1) ? (tl) (ix) ? d16 (a) ? (ps) (ps) ? (a) (sp) ? d16 (ah) ? (al) (dir): b ? 1 (dir): b ? 0 (al) ? (tl) (a) ? (t) (a) ? (ep) (a) ? (ix) (a) ? (sp) (a) ? (pc) C C C C C al al al al al al al C C C C C C C C C al al al al al al C C C C C C C C C C C C C C C al al C C C C C C C C C C C C C C C C C C C C C C C C C ah ah ah ah ah ah C C C C C C C C C C C C C C C C ah C C C C C C C C C C C C C C C C C C C C C C C C C dh dh dh dh dh dh dh C C dh C dh C C C dh C C al C C C dh dh dh dh dh C C C C C C C C C C C C C C C C C C C C + + C C + + C C + + C C + + C C + + C C + + C C + + C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C + + C C + + C C + + C C + + C C + + C C + + C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C + + + + C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C 45 46 61 47 48 to 4f 04 05 06 60 92 07 08 to 0f 85 86 87 88 to 8f d5 d6 d4 d7 e3 e4 c5 c6 c4 93 c7 f3 e7 e2 f2 e1 f1 82 83 e6 70 71 e5 10 a8 to af a0 to a7 42 43 f7 f6 f5 f0
40 mb89190/190a series table 3 arithmetic operation instructions (62 instructions) (continued) mnemonic ~ # operation tl th ah n z v c op code addc a,ri addc a,#d8 addc a,dir addc a,@ix +off addc a,@ep addcw a addc a subc a,ri subc a,#d8 subc a,dir subc a,@ix +off subc a,@ep subcw a subc a inc ri incw ep incw ix incw a dec ri decw ep decw ix decw a mulu a divu a andw a orw a xorw a cmp a cmpw a rorc a rolc a cmp a,#d8 cmp a,dir cmp a,@ep cmp a,@ix +off cmp a,ri daa das xor a xor a,#d8 xor a,dir xor a,@ep xor a,@ix +off xor a,ri and a and a,#d8 and a,dir 3 2 3 4 3 3 2 3 2 3 4 3 3 2 4 3 3 3 4 3 3 3 19 21 3 3 3 2 3 2 2 2 3 3 4 3 2 2 2 2 3 3 4 3 2 2 3 1 2 2 2 1 1 1 1 2 2 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 1 2 1 1 1 1 2 2 1 2 1 1 2 2 (a) ? (a) + (ri) + c (a) ? (a) + d8 + c (a) ? (a) + (dir) + c (a) ? (a) + ( (ix) +off) + c (a) ? (a) + ( (ep) ) + c (a) ? (a) + (t) + c (al) ? (al) + (tl) + c (a) ? (a) - (ri) - c (a) ? (a) - d8 - c (a) ? (a) - (dir) - c (a) ? (a) - ( (ix) +off) - c (a) ? (a) - ( (ep) ) - c (a) ? (t) - (a) - c (al) ? (tl) - (al) - c (ri) ? (ri) + 1 (ep) ? (ep) + 1 (ix) ? (ix) + 1 (a) ? (a) + 1 (ri) ? (ri) - 1 (ep) ? (ep) - 1 (ix) ? (ix) - 1 (a) ? (a) - 1 (a) ? (al) (tl) (a) ? (t) / (al),mod ? (t) (a) ? (a) (t) (a) ? (a) (t) (a) ? (a) " (t) (tl) - (al) (t) - (a) (a) - d8 (a) - (dir) (a) - ( (ep) ) (a) - ( (ix) +off) (a) - (ri) decimal adjust for addition decimal adjust for subtraction (a) ? (al) " (tl) (a) ? (al) " d8 (a) ? (al) " (dir) (a) ? (al) " ( (ep) ) (a) ? (al) " ( (ix) +off) (a) ? (al) " (ri) (a) ? (al) (tl) (a) ? (al) d8 (a) ? (al) (dir) C C C C C C C C C C C C C C C C C C C C C C C dl C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C 00 C C C C C C C C C C C C C C C C C C C C C C C C C C C C dh C C C C C C dh C C C C dh C C C dh dh 00 dh dh dh C C C C C C C C C C C C C C C C C C C C + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + C C C C C C C C C + + C C + + + C C C C C C C C C + + C C C C C C C C C C + + r C + + r C + + r C + + + + + + + + + + C + + + C + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + + r C + + r C + + r C + + r C + + r C + + r C + + r C + + r C + + r C 28 to 2f 24 25 26 27 23 22 38 to 3f 34 35 36 37 33 32 c8 to cf c3 c2 c0 d8 to df d3 d2 d0 01 11 63 73 53 12 13 03 02 14 15 17 16 18 to 1f 84 94 52 54 55 57 56 58 to 5f 62 64 65 a c ? ? ?? a c
41 mb89190/190a series (continued) table 4 branch instructions (17 instructions) table 5 other instructions (9 instructions) mnemonic ~ # operation tl th ah n z v c op code and a,@ep and a,@ix +off and a,ri or a or a,#d8 or a,dir or a,@ep or a,@ix +off or a,ri cmp dir,#d8 cmp @ep,#d8 cmp @ix +off,#d8 cmp ri,#d8 incw sp decw sp 3 4 3 2 2 3 3 4 3 5 4 5 4 3 3 1 2 1 1 2 2 1 2 1 3 2 3 2 1 1 (a) ? (al) ( (ep) ) (a) ? (al) ( (ix) +off) (a) ? (al) (ri) (a) ? (al) (tl) (a) ? (al) d8 (a) ? (al) (dir) (a) ? (al) ( (ep) ) (a) ? (al) ( (ix) +off) (a) ? (al) (ri) (dir) C d8 ( (ep) ) C d8 ( (ix) + off) C d8 (ri) C d8 (sp) ? (sp) + 1 (sp) ? (sp) C 1 C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C + + r C + + r C + + r C + + r C + + r C + + r C + + r C + + r C + + r C + + + + + + + + + + + + + + + + C C C C C C C C 67 66 68 to 6f 72 74 75 77 76 78 to 7f 95 97 96 98 to 9f c1 d1 mnemonic ~ # operation tl th ah n z v c op code bz/beq rel bnz/bne rel bc/blo rel bnc/bhs rel bn rel bp rel blt rel bge rel bbc dir: b,rel bbs dir: b,rel jmp @a jmp ext callv #vct call ext xchw a,pc ret reti 3 3 3 3 3 3 3 3 5 5 2 3 6 6 3 4 6 2 2 2 2 2 2 2 2 3 3 1 3 1 3 1 1 1 if z = 1 then pc ? pc + rel if z = 0 then pc ? pc + rel if c = 1 then pc ? pc + rel if c = 0 then pc ? pc + rel if n = 1 then pc ? pc + rel if n = 0 then pc ? pc + rel if v " n = 1 then pc ? pc + rel if v " n = 0 then pc ? pc + rei if (dir: b) = 0 then pc ? pc + rel if (dir: b) = 1 then pc ? pc + rel (pc) ? (a) (pc) ? ext vector call subroutine call (pc) ? (a),(a) ? (pc) + 1 return from subrountine return form interrupt C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C dh C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C + C C C + C C C C C C C C C C C C C C C C C C C C C C C C C C restore fd fc f9 f8 fb fa ff fe b0 to b7 b8 to bf e0 21 e8 to ef 31 f4 20 30 mnemonic ~ # operation tl th ah n z v c op code pushw a popw a pushw ix popw ix nop clrc setc clri seti 4 4 4 4 1 1 1 1 1 1 1 1 1 1 1 1 1 1 C C C C C C C C C C C C C C C C C C C dh C C C C C C C C C C C C C C C C C C C C C C C C C C C C C C r C C C s C C C C C C C C 40 50 41 51 00 81 91 80 90
42 mb89190/190a series n instruction map h l 0123456789 abcdef 0 nop swap ret reti pushw a popw a mov a,ext movw a,ps clri seti clrb dir: 0 bbc dir: 0,rel incw a decw a jmp @a movw a,pc 1 mulu a divu a jmp addr16 call addr16 pushw ix popw ix mov ext,a movw ps,a clrc setc clrb dir: 1 bbc dir: 1,rel incw sp decw sp movw sp,a movw a,sp 2 rolc a cmp a addc a subc a xch a, t xor a and a or a mov @a,t mov a,@a clrb dir: 2 bbc dir: 2,rel incw ix decw ix movw ix,a movw a,ix 3 rorc a cmpw a addcw a subcw a xchw a, t xorw a andw a orw a movw @a,t movw a,@a clrb dir: 3 bbc dir: 3,rel incw ep decw ep movw ep,a movw a,ep 4 mov a,#d8 cmp a,#d8 addc a,#d8 subc a,#d8 xor a,#d8 and a,#d8 or a,#d8 daa das clrb dir: 4 bbc dir: 4,rel movw a,ext movw ext,a movw a,#d16 xchw a,pc 5 mov a,dir cmp a,dir addc a,dir subc a,dir mov dir,a xor a,dir and a,dir or a,dir mov dir,#d8 cmp dir,#d8 clrb dir: 5 bbc dir: 5,rel movw a,dir movw dir,a movw sp,#d16 xchw a,sp 6 mov a,@ix +d cmp a,@ix +d addc a,@ix +d subc a,@ix +d mov @ix +d,a xor a,@ix +d and a,@ix +d or a,@ix +d mov @ix +d,#d8 cmp @ix +d,#d8 clrb dir: 6 bbc dir: 6,rel movw a,@ix +d movw @ix +d,a movw ix,#d16 xchw a,ix 7 mov a,@ep cmp a,@ep addc a,@ep subc a,@ep mov @ep,a xor a,@ep and a,@ep or a,@ep mov @ep,#d8 cmp @ep,#d8 clrb dir: 7 bbc dir: 7,rel movw a,@ep movw @ep,a movw ep,#d16 xchw a,ep 8 mov a,r0 cmp a,r0 addc a,r0 subc a,r0 mov r0,a xor a,r0 and a,r0 or a,r0 mov r0,#d8 cmp r0,#d8 setb dir: 0 bbs dir: 0,rel inc r0 dec r0 callv #0 bnc rel 9 mov a,r1 cmp a,r1 addc a,r1 subc a,r1 mov r1,a xor a,r1 and a,r1 or a,r1 mov r1,#d8 cmp r1,#d8 setb dir: 1 bbs dir: 1,rel inc r1 dec r1 callv #1 bc rel a mov a,r2 cmp a,r2 addc a,r2 subc a,r2 mov r2,a xor a,r2 and a,r2 or a,r2 mov r2,#d8 cmp r2,#d8 setb dir: 2 bbs dir: 2,rel inc r2 dec r2 callv #2 bp rel b mov a,r3 cmp a,r3 addc a,r3 subc a,r3 mov r3,a xor a,r3 and a,r3 or a,r3 mov r3,#d8 cmp r3,#d8 setb dir: 3 bbs dir: 3,rel inc r3 dec r3 callv #3 bn rel c mov a,r4 cmp a,r4 addc a,r4 subc a,r4 mov r4,a xor a,r4 and a,r4 or a,r4 mov r4,#d8 cmp r4,#d8 setb dir: 4 bbs dir: 4,rel inc r4 dec r4 callv #4 bnz rel d mov a,r5 cmp a,r5 addc a,r5 subc a,r5 mov r5,a xor a,r5 and a,r5 or a,r5 mov r5,#d8 cmp r5,#d8 setb dir: 5 bbs dir: 5,rel inc r5 dec r5 callv #5 bz rel e mov a,r6 cmp a,r6 addc a,r6 subc a,r6 mov r6,a xor a,r6 and a,r6 or a,r6 mov r6,#d8 cmp r6,#d8 setb dir: 6 bbs dir: 6,rel inc r6 dec r6 callv #6 bge rel f mov a,r7 cmp a,r7 addc a,r7 subc a,r7 mov r7,a xor a,r7 and a,r7 or a,r7 mov r7,#d8 cmp r7,#d8 setb dir: 7 bbs dir: 7,rel inc r7 dec r7 callv #7 blt rel
43 mb89190/190a series n mask option list *1: the oscillation stabilization time is generated by dividing the original clock oscillation. the time described in this item should be used as a rough guideline since the oscillation cycle is unstable immediately after oscillation starts. f c indicates the original oscillation frequency. *2: C101 and C201 are provided respectively for the mb89p195 and mb89p195a otp versions as the standard products. no. part number mb89191 mb89193 mb89195 mb89191a mb89193a mb89195a mb89p195 mb89p195a mb89pv190 mb89pv190a specifying procedure specify when ordering masking C101 *2 specify when ordering masking C201 *2 fixed 1 port pull-up resistors p00 to p07 p30 to p37 selectable by pin none selectable by pin none not available p00 to p03 p40 to p45 selectable by pin not available none selectable by pin not available none not available 2 power-on reset power-on reset provided no power-on reset selectable provided provided provided provided 3 selection of oscillation stabilization wait time (at 4.2 mhz) *1 2 18 /f c (approx. 62.4 ms) 2 16 /f c (approx. 15.6 ms) 2 12 /f c (approx. 0.98 ms) 2 2 /f c (approx. 0 ms) selectable fixed to 2 16 /f c selectable fixed to 2 16 /f c fixed to 2 16 /f c 4 reset pin output reset output provided no reset output selectable provided selectable provided provided 5 oscillation type of clock 1 crystal and ceramic oscillators 2 cr selectable 1 only selectable 1 only 1 only
44 mb89190/190a series n ordering information part number package remarks mb89191pf mb89193pf mb89195pf mb89p195pf-101 mb89191apf mb89191ahpf mb89193apf mb89193ahpf mb89195apf mb89p195apf-201 28-pin plastic sop (fpt-28p-m17) mb89191p-sh MB89193P-SH mb89195p-sh mb89191ap-sh mb89191ahp-sh mb89193ap-sh mb89193ahp-sh mb89195ap-sh 28-pin plastic sh-dip (dip-28c-m03) mb89191p mb89193p mb89195p mb89p195p-101 mb89191ap mb89191ahp mb89193ap mb89193ahp mb89195ap mb89p195ap-201 28-pin plastic dip (dip-28p-m05) mb89pv190cf mb89pv190acf 48-pin ceramic mqfp (mqp-48c-p01)
45 mb89190/190a series n package dimension c 1994 fujitsu limited f28048s-1c-1 .699 ?008 +.010 ?.20 +0.25 17.75 28 15 1 14 1.27(.050) typ 0.45?.10 (.018?004) "a" index 16.51(.650) ref 0.10(.004) "b" 0.15?.05 (.006?002) 0.80?.20 (.031?008) 10.20?.30 (.402?012) 0(0)min (stand off) 2.80(.110)max 0.20(.008) 0.35(.014) max 0.68(.027) max 0.18(.007) 0.18(.007) max 0.68(.027) max 0.15(.006) 0.20(.008) details of "b" part details of "a" part 8.60?.20 (.339?008) 11.80?.30 (.465?012) m 0.13(.005) (mounting height) dimensions in mm (inches) 28-pin plastic sop (fpt-28p-m17) c 1994 fujitsu limited d28013s-3c-2 index-1 index-2 .039 ? +.020 ? +0.50 0.99 1.52 +0.50 ? +.020 ? .060 4.96(.195)max 3.00(.118)min 1.58(.062) max 2.54(.100) typ 0.46?.08 (.018?003) 0.51(.020)min 0.25?.05 (.010?002) 15.24(.600) typ 15?ax (.543?010) 13.80?.25 1.407 ?012 +.008 ?.30 +0.20 35.73 dimensions in mm (inches) 28-pin plastic dip (dip-28p-m05)
46 mb89190/190a series c 1994 fujitsu limited d28012s-3c-3 index-2 1.778?.18 ?.30 +0.20 26.00 15?ax 0.51(.020)min 1.00 +0.50 ? 1.778(.070) max index-1 +.008 ?012 1.024 +.020 ? .039 9.10?.25 (.358?010) 4 .85(.191)max 3 .00(.118)min (.070?007) 0.45?.10 (.018?004) 23.114(.910)ref (.010?002) 0.25?.05 10.16(.400) typ dimensions in mm (inches) 28-pin plastic sh-dip (dip-28p-m03) c 1994 fujitsu limited m48001sc-4-2 14.82?.35 (.583?014) 15.00?.25 (.591?010) 17.20(.677)typ pin no.1 index .430 ? +.005 ?.0 +0.13 10.92 1.02?.13 (.040?005) 7.14(.281) 8.71(.343) typ typ 0.30(.012)typ 4.50(.177)typ pad no.1 index 0.15?.05 (.006?002) 8.50(.335)max 0.60(.024)typ 1.10 +0.45 ?.25 +.018 ?010 .043 0.40?.08 (.016?003) 0.80?.22 (.0315?0087) 8.80(.346)ref 1.00(.040)typ 1.50(.059)typ pin no.1 index dimensions in mm (inches) 48-pin ceramic mqfp (mqp-48c-p01)
48 mb89190/190a series fujitsu limited for further information please contact: japan fujitsu limited corporate global business support division electronic devices kawasaki plant, 4-1-1, kamikodanaka nakahara-ku, kawasaki-shi kanagawa 211-8588, japan tel: 81(44) 754-3763 fax: 81(44) 754-3329 http://www.fujitsu.co.jp/ north and south america fujitsu microelectronics, inc. semiconductor division 3545 north first street san jose, ca 95134-1804, usa tel: (408) 922-9000 fax: (408) 922-9179 customer response center mon. - fri.: 7 am - 5 pm (pst) tel: (800) 866-8608 fax: (408) 922-9179 http://www.fujitsumicro.com/ europe fujitsu mikroelektronik gmbh am siebenstein 6-10 d-63303 dreieich-buchschlag germany tel: (06103) 690-0 fax: (06103) 690-122 http://www.fujitsu-ede.com/ asia pacific fujitsu microelectronics asia pte ltd #05-08, 151 lorong chuan new tech park singapore 556741 tel: (65) 281-0770 fax: (65) 281-0220 http://www.fmap.com.sg/ f9901 ? fujitsu limited printed in japan all rights reserved. the contents of this document are subject to change without notice. customers are advised to consult with fujitsu sales representatives before ordering. the information and circuit diagrams in this document are presented as examples of semiconductor device applications, and are not intended to be incorporated in devices for actual use. also, fujitsu is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of this information or circuit diagrams. fujitsu semiconductor devices are intended for use in standard applications (computers, office automation and other office equipment, industrial, communications, and measurement equipment, personal or household devices, etc.). caution: customers considering the use of our products in special applications where failure or abnormal operation may directly affect human lives or cause physical injury or property damage, or where extremely high levels of reliability are demanded (such as aerospace systems, atomic energy controls, sea floor repeaters, vehicle operating controls, medical devices for life support, etc.) are requested to consult with fujitsu sales representatives before such use. the company will not be responsible for damages arising from such use without prior approval. any semiconductor devices have an inherent chance of failure. you must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. if any products described in this document represent goods or technologies subject to certain restrictions on export under the foreign exchange and foreign trade law of japan, the prior authorization by japanese government will be required for export of those products from japan.


▲Up To Search▲   

 
Price & Availability of MB89193P-SH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X